PART |
Description |
Maker |
2N7002T |
SOT-523 Plastic-Encaps u late MOSFET
|
Jiangsu High diode Semi...
|
CJ4153 |
SOT-523 Plastic-Encapsulate MOSFETS
|
ZP Semiconductor
|
BAS21T |
SOT-523 Plastic-Encapsulate Diodes
|
WILLAS ELECTRONIC CORP
|
DDTC114TE DDTC114TE-7 DDTC124TE DDTC124TE-7 DDTC14 |
NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
CMUDM70058005 |
20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package
|
Central Semiconductor Corp
|
DDTA142JE |
(DDTAxxxE) PNP PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes Incorporated
|
DDTC122TE DDTC142JE DDTC142JE-7 DDTC122LE DDTC122L |
Prebiased Transistors NPN PRE-BIASED 100 mA SOT-523 SURFACE MOUNT TRANSISTOR
|
DIODES[Diodes Incorporated]
|
CY7C027V-25AXC CY7C037V-20AC CY7C037V-20AXC CY7C03 |
3.3V 32K/64K x 16/18 Dual-Port Static RAM 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 64K X 16 DUAL-PORT SRAM, 15 ns, PQFP100 LEAD FREE, PLASTIC, TQFP-100 64K X 16 DUAL-PORT SRAM, 25 ns, PQFP100 LEAD FREE, PLASTIC, TQFP-100 DIODE ZENER TRIPLE ISOLATED 200mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-363 3K/REEL DIODE ZENER SINGLE 150mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-523 3K/REEL DIODE ZENER SINGLE 200mW 3.3Vz 5mA-Izt 0.0606 5uA-Ir 1 SOT-323 3K/REEL
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
BAS40T-TP |
DIODE SCHOTTKY 40V 150MW SOT-523 0.2 A, SILICON, SIGNAL DIODE
|
Micro Commercial Components, Corp.
|
BT137X-600F BT137X-800 BT137X BT137X-800E BT137X-8 |
DIODE ZENER SINGLE 150mW 7.5Vz 5mA-Izt 0.0604 1uA-Ir 5 SOT-523 3K/REEL 500 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC Octal Buffers and Line Drivers with 3-State Outputs 20-LCCC -55 to 125 Triacs logic level Triacs sensitive gate TRIAC|600VV(DRM)|8AI(T)RMS|SOT-186A
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|